PART |
Description |
Maker |
9250-684-RC 9250-332-RC 9250-182-RC 9250-122-RC 92 |
CHOKE RF MOLDED 680UH FERRITE 1 ELEMENT, 680 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 3.3UH IRON 1 ELEMENT, 3.3 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 1.8UH IRON 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 1.2UH IRON 1 ELEMENT, 1.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 3900UH FERRITE 1 ELEMENT, 3900 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED .68UH PHENOLIC 1 ELEMENT, 0.68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 18UH FERRITE 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 82UH FERRITE 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 15UH FERRITE 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED .47UH PHENOLIC 1 ELEMENT, 0.47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR RF Choke; Series:9250; Inductance:4.7uH; Inductance Tolerance: /- 10 %; Q Factor:44; Self Resonant Frequency:70MHz; Terminal Type:Axial Leaded; Core Material:Iron; Current Rating:380mA; DC Resistance Max:0.55ohm
|
Bourns, Inc. BOURNS INC
|
LPP-100-13.5 LPP-100-12 LPP-100-48 LPP-100-27 LPP- |
CHOKE,AXIAL,MOLDED RF,0.15uH, 10% INDUCTIVE TOL,1100 IDC 100W Single Output with PFC Function CHOKE,AXIAL,MOLDED RF,0.56uH, 10% INDUCTIVE TOL,495 IDC CHOKE,AXIAL,MOLDED RF,0.47uH, 10% INDUCTIVE TOL,590 IDC CHOKE,AXIAL,MOLDED RF,0.39uH, 10% INDUCTIVE TOL,640 IDC
|
Astrodyne, Inc.
|
1120-1R0M 1120-4R7M 1120-3R3M 1120-3R9M |
CHOKE RF RADIAL 1.0UH 20% 1 ELEMENT, 1 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF RADIAL 4.7UH 20% Leaded Choke; Series:1120; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.005ohm; Leaded Process Compatible:No 1 ELEMENT, 3.9 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC
|
SRR1280-391K SRR1280-102K SRR1280-2R4Y |
SMD SHIELDED POWER CHOKE-LEAD FREE 1 ELEMENT, 390 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD SHIELDED POWER CHOKE-LEAD FREE 1 ELEMENT, 1000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHOKE, POWER, SHIELDED, 2.5UH; Inductor type:Shielded Power Choke; Inductance:2.5uH; Tolerance, inductance: /-30%; Resistance:10mR; Current, DC max:9.2A; Frequency, resonant:45.0MHz; Case style:SMD Shielded; Q factor:20; Material, RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
PIA0502SPR68MN |
Molded Choke Coil
|
Superworld Electronics
|
PIB0515MP100MN PIB0515MP4R7MN PIB0515MPR33MN PIB05 |
MOLDED POWER CHOKE COIL
|
Superworld Electronics
|
PIC1003H1R5MN PIC1003H4R7MN PIC1003H1R0MN PIC1003H |
MOLDED POWER CHOKE COIL
|
Superworld Electronics
|
PIC0605H8R2MN PIC0605HR82MN PIC0605H5R6MN |
MOLDED POWER CHOKE COIL
|
Superworld Electronics
|
PIB0402MP PIB0402MP1R0MN PIB0402MP2R2MN PIB0402MP3 |
MOLDED POWER CHOKE COIL
|
Superworld Electronics
|
PIB0624MR47MN PIB0624M6R8MN PIB0624M2R2MN PIB0624M |
MOLDED POWER CHOKE COIL
|
Superworld Electronics
|
PIB0518MP1R0MN PIB0518MP4R7MN PIB0518MPR33MN PIB05 |
MOLDED POWER CHOKE COIL
|
Superworld Electronics
|
PIB0618MR47MN PIB0618M3R3MN PIB0618MR68MN PIB0618M |
MOLDED POWER CHOKE COIL
|
Superworld Electronics
|
|